Part Number Hot Search : 
10019 9161A 74HCT241 NTD4863N CD451 2412W RGP0212E SDM5013
Product Description
Full Text Search
 

To Download MASW-008843-0001TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW05-0311
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
Features
* * * * * * * * Integral TTL Driver Low DC Power Consumption Surface Mount Package Low Cost/High Performance 50 Ohm Nominal Impedance Lead-Free CR-9 Package 260C Reflow Compatible RoHS* Compliant Rev. V6
Functional Block Diagram
GND GND GND RF2
GND GND GND RF1 GND GND GND Orientation Mark Vee
Description
M/A-COM's SW05-0311 is a GaAs FET SPST absorptive switch with integral silicon ASIC driver. Packaged in a 16-lead ceramic surface mount package, this device offers excellent performance and repeatability from DC to 3 GHz while maintaining low power consumption. The SW05-0311 is ideally suited for use where fast speed, low power consumption and broadband applications are required.
GND GND Vcc C1
Pin Configuration
Pin No. Function
Vee GND GND GND RF1 GND GND GND
Pin No.
9 10 11 12 13 14 15 16
Function
GND GND GND RF2 GND GND Vcc C1
Ordering Information
Part Number
SW05-0311 SW05-0311TR MASW-008843-0001TB
1 2
Package
Bulk Packaging 1000 piece reel Sample Test Board
3 4 5 6 7 8
Note: Reference Application Note M513 for reel size information.
The metal bottom of the case must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW05-0311
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
Electrical Specifications: TA = +25C1,2
Parameter
Insertion Loss
Rev. V6
Test Conditions
--
Frequency
DC - 3000 MHz DC - 2000 MHz DC - 1000 MHz DC - 500 MHz DC - 3000 MHz DC - 2000 MHz DC - 1000 MHz DC - 500 MHz DC - 3000 MHz DC - 2000 MHz DC - 1000 MHz DC - 500 MHz -- -- -- 0.05 GHz 0.5 GHz to 3 GHz 0.05 GHz 0.5 GHz to 3 GHz 0.05 GHz 0.5 GHz to 3 GHz -- -- -- --
Units
dB dB dB dB Ratio Ratio Ratio Ratio dB dB dB dB ns ns mV dBm dBm dBm dBm dBm dBm A A mA mA
Min
-- -- -- -- -- -- -- -- 25 35 35 65 -- -- -- -- -- -- -- -- -- -- -- -- --
Typ
1.0 0.8 0.7 0.6 1.4:1 1.3:1 1.2:1 1.1:1 29 40 60 70 50 150 50 +21 +27 +62 +68 +40 +46 -- -- -- --
Max
1.3 1.2 1.0 0.8 1.5:1 1.4:1 1.3:1 1.2:1 -- -- -- -- -- -- -- -- -- -- -- -- -- 1 1 1 1
VSWR
--
Isolation
--
Trise, Tfall Ton, Toff Transients 1 dB Compression IP2
10% to 90% D1.3V CTL to 90% / 10% In-Band Input Power Two-Tone Input Power up to +5 dBm Two-Tone Input Power up to +5 dBm 0V to 0.8V 2.0V to 5.0V +5.0V 10% -5.0V to -8.0V
IP3
Vin Low Vin High Vcc Vee
1. All specifications apply when operated with bias voltages of +5V for Vcc and -5V for Vee. 2. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW05-0311
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
Absolute Maximum Ratings 3,4
Parameter
Max Input Power 50 MHz 500 - 3000 MHz VCC VEE VCC - VEE Vin5 Operating Temperature Storage Temperature 3. 4. 5.
Rev. V6
Absolute Maximum
+27 dBm +34 dBm -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -40C to +125C -65C to +150C
Truth Table (Switch)
Control Input C1
0 1 0 = TTL Low; 1 = TTL High
Condition of Switch RF1 to RF2
ON OFF
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Typical Performance Curves
Insertion Loss vs. Frequency
+ 8 5 C + 2 5 C - 55 C
Handling Procedures
Please observe the following precautions to avoid damage:
2
1.5
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Loss (dB)
1
0.5
0 0.0 0.5 1.0 1.5 2.0 2.5 3
F re que nc y ( G H z)
Isolation vs. Frequency
VSWR vs. Frequency
V SW R On V SW R Of f
80 70
2.00 1.80
Isolation dB
60
40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3
V SW R
50
1.60 1.40 1.20 1.00 0.0 0.5 1.0 1.5 2.0 2.5 3
F re que nc y ( G H z)
F requency ( GH z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW05-0311
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
Lead-Free, CR-9 Ceramic Package
Rev. V6
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-008843-0001TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X